PART |
Description |
Maker |
3PM8 3PM0 3PM2 3PM4 3PM6 |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(杞村?寮??锛??灏??锛???????00V锛?钩??????娴?.5A,????㈠??存?浜??绠? AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电000V,平均正向电.5A,标准恢复整流二极 Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电00V,平均正向电.5A,标准恢复整流二极
|
SEMTECH[Semtech Corporation]
|
SCPA05 SCPA6 SCDA1 SCDA2 SCDA4 SCDA6 SCPA1 SCPA2 S |
Medium Current, Standard Recovery Center Tap Rectifier(????靛?600V锛?俯搴?5???骞冲??存??垫?15A,涓???垫?, ????㈠?璐?腑蹇??澶存?娴??) STANDARD RECOVERY DOUBLER AND CENTER TAPS Medium Current, Standard Recovery Doubler Rectifier(????靛?200V锛?俯搴?5???骞冲??存??垫?7.5A,涓???垫?,????㈠?????存???
|
Semtech Corporation
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
SC3BA05 SC3BA4 SC3BA1 SC3BA2 SC3BA6 |
3 PHASE, 6 A, SILICON, BRIDGE RECTIFIER DIODE STANDARD RECOVERY 3-PHASE FULL WAVE BRIDGE RECTIFIERS Standard Recovery 3-Phase Full Wave Bridge Rectifier(反向电压50V,管壳温55℃时平均整流电流18A,标准恢复,3相全波桥整流 Standard Recovery 3-Phase Full Wave Bridge Rectifier(反向电压100V,管壳温55℃时平均整流电流18A,标准恢复,3相全波桥整流
|
Semtech Corporation
|
S2HVS7.5 S2HVS2.5 S2HVS5 |
High Voltage,High Density, Standard Recovery Rectifier Assembly(反向电压7500V,高压,高密度,标准恢复整流器部 STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
PF501L PF501L08 PF502L PF504L-BP |
50Amp Standard Recovery Rectifier 50 to 800 Volts 50 A, 400 V, SILICON, RECTIFIER DIODE
|
Micro Commercial Components
|
1N4935RL 1N4007RL |
1A 200V Fast-Recovery Rectifier 1A 1000V Standard Rectifier
|
ON Semiconductor
|
S8M 1N5614 S6M 1N5618 S2M |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(????靛?600V,骞冲?姝e??垫?2A锛?酱??????瀵??????㈠??存?浜??绠? RECTIFIER, up to 1kV, 2A, 2μs RECTIFIER, up to 1kV, 2A, 2楼矛s
|
Semtech Corporation
|
RP0011 RP0011-15 |
RECTIFIER STANDARD RECOVERY HIGH CURRENT RECTIFIER
|
Solid States Devices, I...
|
SS4249US SS4246US SS4245 SS4245US |
Standard Recovery Rectifier
|
Sensitron
|
SPD3595 SPD35951 |
STANDARD RECOVERY RECTIFIER
|
Solid States Devices, Inc
|
SDHD5KS SDHP10KS SDHD10KS |
High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压5000V,温25℃时平均整流电流2.5A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电000V的,温度25℃时平均整流电流.5a,高密度,高电压,标准恢复倍增整流器) STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS
|
Semtech, Corp. Semtech Corporation
|